PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
SI-3011ZF |
High-Current, Low-Dropout, 1.1~5 V Regulato HIgh-Current, Low-Dropout, 1.1~5V Regulator
|
ALLEGRO[Allegro MicroSystems]
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
CS9201YDF8 CS9201YDFR8 CS9201 CS9201-D |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAPE
|
http:// ONSEMI[ON Semiconductor]
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MAX8873 MAX8873REUK-T MAX8873SEUK-T MAX8873T MAX88 |
From old datasheet system Low-Dropout 120mA Linear Regulators Low-Dropout, 120mA Linear Regulators Low-Dropout / 120mA Linear Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX1735 MAX1735EUK25-T MAX1735EUK30-T MAX1735EUK50 |
"200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23" 200mA / Negative-Output / Low-Dropout Linear Regulator in SOT23 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE NEGATIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MAX883MPA MAX883MPR MAX883C MAX883MPA/PR MAX883D |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.44 V DROPOUT, PDIP8 0.300 INCH, PLASTIC, MS-001AB, DIP-8
|
Maxim Integrated Products, Inc.
|